PART |
Description |
Maker |
RO-1.81.8S06 RE-123.3SHP RE-1212SHP RE-3.33.3SP RE |
1 Watt SIP4 & SIP7 Single Output 1 Watt SIP4 & SIP7 Single Output 1瓦特学校改善工程
|
Recom International Pow... RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
RM-3.33.3SP RL-0505D RL-0505DHP RL-0505DP RL-0505S |
0.25 Watt SIP4 & DIP8 Single Output 0.25 Watt SIP4 & DIP8 Single Output 0.25瓦特学校改善工程
|
Recom International Pow... RECOM Power Inc. RECOM[Recom International Power] RECOM Electronic GmbH
|
BR62 KBPC602 BR61 |
ECONOLINE: ROM - Micro Size SIP4 Package- 3kVDC Isolation- Industry Standard Pinout- UL94V-0 Package Material- Custom Solutions Available- Cost Single 2-Input Positive-AND Gate 5-SOT-23 -40 to 85 TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 技术规格单相硅桥式整流
|
DC Components Co., Ltd.
|
RBM-0505S |
1 Watt SIP 6 Micro Size, Single & Dual Output-13
|
Recom International Power
|
RI-0905SP |
2 Watt SIP4 Single Output
|
Recom International Power
|
B4809XM |
Isolated 1W Single Output MICRO SIP4 DC/DC Converters
|
Microdc power Technolog...
|
BR358 BR3505 BR351 BR3510 BR352 BR354 BR356 |
ECONOLINE: ROM - Micro Size SIP4 Package- 3kVDC Isolation- Industry Standard Pinout- UL94V-0 Package Material- Custom Solutions Available- Cost Effective- Efficiency to 85% 35 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE SINGLE-PHASE SILICON BRIDGE RECTIFIER
|
RECTRON LTD RECTRON[Rectron Semiconductor]
|
BR66 BR68 BR605 BR61 BR610 BR64 BR62 |
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS ROM Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 15V; Power: 1W; Micro Size SIP4 Package; 3kVDC SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS 单相6.0放大器桥式整流器
|
FORMOSA[Formosa MS] 美丽微半导体有限公司 Formosa Microsemi Co., Ltd.
|
RP20-483.3SE RP20 RP20-120512TE RP20-120515TE RP20 |
OSC 5V 8PIN CMOS 20瓦单,双 20 Watt Single, Dual & Triple Output 20瓦单,双 D-Subminiature Connector; Gender:Female; No. of Contacts:51; Contact Termination:Wire; D Sub Shell Size:DB51; Body Material:Thermoplastic; Leaded Process Compatible:No; Mounting Type:Float Mount; Peak Reflow Compatible (260 C):No RoHS Compliant: No 20 Watt Single, Dual & Triple Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
M38869FFAGP M38869FFAHP M38869M8A-012HP M38869M8A- |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 256bytes single chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer 3885 Series Microcontrollers: Keyboard Controller for Notebook PC 3886GROUP RAM size: 192bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
TEN5-2412WI TEN5-2413WI TEN5-2421WI TEN5-2422WI TE |
DC/DC Converters - TEN 5WI Series, 6 Watt 直流/直流转换 10 5WI系列6瓦特 DC/DC Converters - TEN 5WI Series, 6 Watt 直流/直流转换 10 5WI系列瓦特 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Pink; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes
|
TRACO ELECTRONIC AG. TRACOPOWER[TRACO Electronic AG]
|